Part Number Hot Search : 
MMBTA282 13130 TA0103A 5248B EPA3415 S1500 S1500 HD74H
Product Description
Full Text Search
 

To Download AT-233-PIN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS Compliant
Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.0 GHz
Features
* Attenuation: 2 dB Steps to 30 dB * Temperature Stability: 0.18 dB from -55C to +85C Typical * Low DC Power Consumption * Hermetic Surface Mount Package * Integral TTL Driver * 50 Ohm Nominal Impedance * Lead-Free CR-12 Package * 260C Reflow Compatible
AT-233-PIN V4
Functional Schematic
Description
M/A-COM's AT-233-PIN is a GaAs FET 4-Bit digital attenuator with a 2 dB minimum step size and 30 dB total attenuation. This attenuator and integral TTL driver is in a hermetically sealed ceramic 16-lead surface mount package. The AT-233-PIN is ideally suited for use where accuracy, fast switching, very low power consumption and low intermodulation products are required. Typical applications include dynamic range setting in precision receiver circuits and other gain/leveling control circuits. Environmental screening is available. Contact the factory for information.
Pin Configuration
Pin No.
1 2 3 4 5 6 7
Function
RF1 GND GND GND GND GND GND RF2
Pin No.
9 10 11 12 13 14 15 16
Function
NC +5V -5V C4 C3 C2 C1 GND
Ordering Information
Part Number
AT-233-PIN MAAD-007228-0001TR MAAD-007228-0001TB
8
Package
Bulk Packaging 1000 piece reel Sample Test Board
The metal bottom of the case must be connected to RF and DC ground.
Note: Reference Application Note M513 for reel size information. Note: Die quantity varies.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.0 GHz
Electrical Specifications: TA = 25C1
Parameter
Reference Insertion Loss
AT-233-PIN V4
Test Conditions
--
Frequency
DC - 0.5 GHz DC - 1.0 GHz DC - 2.0 GHz DC - 1.0 GHz DC - 2.0 GHz DC - 1.0 GHz DC - 2.0 GHz DC - 2.0 GHz -- -- -- 0.05 GHz 0.5 - 2.0 GHz 0.05 GHz 0.5 - 2.0 GHz 0.05 GHz 0.5 - 2.0 GHz -- -- --
Units
dB dB dB
Min
-- -- --
Typ
-- -- --
Max
2.3 2.65 2.8
Attenuation Accuracy2
Any Single Bit Any Combination of Bits
(0.2 + 3% of attenuation setting in dB) dB (0.2 + 3% of attenuation setting in dB) dB or 0.45 dB, whichever is greater (0.20 + 3% of attenuation setting in dB) dB (0.25 + 4% of attenuation setting in dB) dB or 0.45 dB, whichever is greater Ratio ns ns mV dBm dBm dBm dBm dBm dBm V V mA -- -- -- -- -- -- -- -- -- -- 4.5 -8.0 -- -- 10 30 35 +20 +28 +40 +50 +45 +68 5.0 -- -- 1.7:1 -- -- -- -- -- -- -- -- -- 5.5 -5.0 4.0
VSWR Trise, Tfall Ton, Toff Transients 1 dB Compression 3 Input IP3 3 Input IP2 3 VCC VEE ICC
-- 10% to 90% 50% Control to 90/10% RF In-Band (peak-peak) Input Power For two tone input power Up to +5 dBm For two-tone input power Up to +5 dBm -- -- VCC = 4.5 to 5.5 V Vctl = 0 to 0.8V, or VCC - 2.1V to VCC VEE = -5.0 to -8.0V Logic 0 (TTL) Logic 1 (TTL) 0 to 0.8V 2.0 to 5.0V
IEE Vctl Input Leakage Current (Low) Input Leakage Current (High)
-- -- -- -- --
mA V V A A
-- 0.0 2.0 -- --
-- -- -- -- --
1.0 0.8 5.0 1.0 1.0
1. All specifications apply when operated with bias voltages of +5V for VCC and -5.0V to -8.0V for VEE, and 50 Ohm impedance at all ports unless otherwise specified. 2. This attenuator is guaranteed monotonic. 3. VEE = -5V for the typical numbers given.
2
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.0 GHz
Absolute Maximum Ratings
Parameter
Max Input Power 0.5 GHz 0.5 - 2.0 GHz Supply Voltages VCC VEE Control Voltage6 Operating Temperature Storage Temperature 4. 5. 6.
4,5
AT-233-PIN V4
Recommended PCB Configuration
Absolute Maximum
+27 dBm +34 dBm +5.5V -8.5V -0.5V to VCC + 0.5V -55C to +125C -65C to +150C
Exceeding any one or combination of these limits may cause permanent damage to this device. M/A-COM does not recommend sustained operation near these survivability limits. Standard CMOS TTL interface, latch-up will occur if logic signal is applied prior to power supply.
Handling Procedures
Please observe the following precautions to avoid damage:
Truth Table (Digital Attenuator)
Control Inputs C4
0 0 0 0 1 1
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
C3
0 0 0 1 0 1
C2
0 0 1 0 0 1
C1
0 1 0 0 0 1
Attenuation
Reference 2 dB 4 dB 8 dB 16 dB 30 dB
Typical Performance Curves
Ref. Insertion Loss vs. Frequency
+ 8 5 C 5.0 + 2 5 C - 5 5 C
0 = TTL Low; 1 = TTL High
VSWR vs. Frequency
2 dB 2.00 4 dB 8 dB 16 dB Re f Loss S ta te
Insertion Loss (dB)
4.0
1.80
3.0
2.0
VSWR
0.0 0.5 1.0 1.5 2.0
1.60
1.40
1.0
1.20
0.0
1.00 0.0 0.5 1.0 1.5 2.0
Frequency (GHz)
Frequency (GHz)
3
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.0 GHz AT-233-PIN V4
Lead-Free CR-12 Ceramic Package
Typical Performance Curves
Attenuation Accuracy vs. Frequency
Full Atte n
16 dB
8 dB
4 dB
2 dB
Dev ia tion fro m No m ina l Attenuation (dB )
1.0 0.5 0.0 - 0.5 - 1.0 - 1.5 - 2.0 0.0 0.5 1.0 1.5 2.0
Frequency (GHz)
Reference Application Note M538 for lead-free solder reflow recommendations.
4
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.


▲Up To Search▲   

 
Price & Availability of AT-233-PIN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X